PART |
Description |
Maker |
SAFSE1G96KD0T00 SAFSE1G95KC0T00 SAFSE1G57KA0T09 SA |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1950 MHz, SAW FILTER 1 FUNCTIONS, 1575.42 MHz, SAW FILTER 1 FUNCTIONS, 851 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 1842.5 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER 1 FUNCTIONS, 906 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
SBSMP1000334MXB SBSMP1000224MXB SBSMP1000334MXT SB |
1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR
|
SYFER TECHNOLOGY LTD
|
FAR-F6CP-1G4890-D208 FAR-F5CP-881M50-D204 FAR-F5CP |
1 FUNCTIONS, 1441 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz)
|
FUJITSU LTD
|
FTA3S2AE102PCSP-S FTA5C2HD030F-S FTA322AR102S-S FT |
1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR METAL PACKAGE-2 1 FUNCTIONS, 500 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 10 A, FEED THROUGH CAPACITOR
|
TE Connectivity, Ltd.
|
AFCC100215LKW2S AFCC190218W6W9N AFCC160222VMW1N AF |
1 FUNCTIONS, 350 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 63 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 16 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 630 V, 15 A, FEED THROUGH CAPACITOR
|
|
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
FAR-F5CE-906M00-K215 FAR-F5CE-881M50-K235 FAR-F5CE |
1 FUNCTIONS, 906 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER
|
|
ADP5585 |
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
|
Analog Devices
|
BLM18BD470SN1D BLM18BD470SN1J BLM18BD470SN1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN BDSM, FER BLM18BA100SN1D 0603 1 FUNCTIONS, 0.5 A, FERRITE CHIP EMI 120 OHM 100 MHZ 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 120 OHM 200MA 0603
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
265LY-153J |
1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR
|
TOKO INC
|
704-15K36TH3 |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
|
|